Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN8902 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN8902
Description  DC FAN Motor Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8902 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8902 Datasheet HTML 5Page - Fairchild Semiconductor FAN8902 Datasheet HTML 6Page - Fairchild Semiconductor FAN8902 Datasheet HTML 7Page - Fairchild Semiconductor FAN8902 Datasheet HTML 8Page - Fairchild Semiconductor FAN8902 Datasheet HTML 9Page - Fairchild Semiconductor FAN8902 Datasheet HTML 10Page - Fairchild Semiconductor FAN8902 Datasheet HTML 11Page - Fairchild Semiconductor FAN8902 Datasheet HTML 12Page - Fairchild Semiconductor FAN8902 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FAN8902(KA3902)
9
In the steady state, the terminal voltage on a motor is consisted of a back EMF and the voltage drop on the armarture resistors.
When the motor happens to be stalled, the back EMF becomes zero, and the motor current (IM) is quickly increased until a
maximum values.
Therefore the duty of the pin #12 output becomes lower because of the increase of the sense voltage (VRS). Also it makes the
voltage (VLa) be lowered, then it makes the duty become lower again.
This mechanism makes the motor current hold very low value in the stalled motor state.
The voltage on pin #14 (VLa) ia calculated as follows:
We can choose the ratio of the resistors, R2 and R3, as follows:
- Applied the rated voltage on motor, and then measured the current IRAT
- Matched the maximum command current, VCMD,MAX to IRAT.
VCMD,MAX = VLa,MAX = RS × IRAT × 5 × 5
for example, if RS = 10mΩ and IRAT = 20[A] at VBAT = 13[V],
VCMD,MAX = VLa,MAX = 10mΩ × 20 × 25 = 5V
-VLa,MAX = 5V = VBAT × 1 × R3 / (R2 + R3)
Ratio = R3 / (R2 + R3) = VCMD,MAX / VBAT = 5 / 13
Therefore, R2 : R3 = 8 : 5
The buffer OP-amp selects the lower command between VCMD and VLa so as to limit the stalled motor current to very low in
the above figure. Because of much larger VLa than VCMD, the motor operating point stays at A. But the point gradually moves
toward B’ and then B” through the curve from the instance of stall as the below figure.
V
La
V
BAT
D
×
R3
R2
R3
+
----------------------
×
=
Assumed the saturation voltage of Q1 is zero.
VLa curve
× (1 / R)
The voltage drop
on the amarture resistance
VLA
VCMD
IRAT
VMOTOR,STALL
VBAT
VLA
VLA
VMOTOR
Operating curve
A
B
B’
B”


Numéro de pièce similaire - FAN8902

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8903 FAIRCHILD-FAN8903 Datasheet
286Kb / 16P
   Power Window Motor Control IC
More results

Description similaire - FAN8902

FabricantNo de pièceFiches techniqueDescription
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
   Fan-Motor Controller
logo
PADAUK Technology.
DF69 PADAUK-DF69 Datasheet
1Mb / 106P
   DC Fan Controller
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1332D SANYO-LB1332D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767A PERICOM-PT8A2767A Datasheet
203Kb / 8P
   DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com