Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3086 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce KA3086
Description  2-Phase BLDC Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3086 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3086 Datasheet HTML 3Page - Fairchild Semiconductor KA3086 Datasheet HTML 4Page - Fairchild Semiconductor KA3086 Datasheet HTML 5Page - Fairchild Semiconductor KA3086 Datasheet HTML 6Page - Fairchild Semiconductor KA3086 Datasheet HTML 7Page - Fairchild Semiconductor KA3086 Datasheet HTML 8Page - Fairchild Semiconductor KA3086 Datasheet HTML 9Page - Fairchild Semiconductor KA3086 Datasheet HTML 10Page - Fairchild Semiconductor KA3086 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAN8486D (KA3086D)
7
Rev. 1.0.1
February. 2000.
Absolute Maximum Ratings (Ta=25
°°°°C)
Notes:
1. Duty 1 / 100, pulse width 500
µs
2. 1) When mounted on glass epoxy PCB (76.2
× 114 × 1.57mm)
2) Power dissipation reduces 8.0mW /
°C for using above Ta=25°C. (Without heat-sink)
3) Do not exceed Pd and SOA(Safe Operating Area).
Power Dissipation Curve
Recommened Operating Conditions (Ta=25
°°°°C)
Parameter
Symbol
Value
Unit
Remark
Supply voltage
VCCmax
18
V
-
Maxium output current
IOmax
1.0 note1
A-
VREG output current
IREGmax
30
mA
-
Power dissipation
Pd
1 note2
W
No heat sink
Operating temperature
TOPR
−25 ~ +75
°C-
Storage temperature
TSTG
−45 ~ +125
°C-
Parameter
Symbol
Min.
Typ.
Max
Unit
Operating supply voltage
VCC
812
16V
2, 000
0
0
25
50
75
100
125
Pd (mW)
Ambient temperature, Ta [
°C]
SOA
150
175


Numéro de pièce similaire - KA3086

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD FAIRCHILD-KA3080BD Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3 FAIRCHILD-KA3080BD3 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3TF FAIRCHILD-KA3080BD3TF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BDTF FAIRCHILD-KA3080BDTF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
More results

Description similaire - KA3086

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com