Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5250 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN5250
Description  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5250 Datasheet HTML 6Page - Fairchild Semiconductor FAN5250 Datasheet HTML 7Page - Fairchild Semiconductor FAN5250 Datasheet HTML 8Page - Fairchild Semiconductor FAN5250 Datasheet HTML 9Page - Fairchild Semiconductor FAN5250 Datasheet HTML 10Page - Fairchild Semiconductor FAN5250 Datasheet HTML 11Page - Fairchild Semiconductor FAN5250 Datasheet HTML 12Page - Fairchild Semiconductor FAN5250 Datasheet HTML 13Page - Fairchild Semiconductor FAN5250 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FAN5250
10
REV. 1.1.6 3/12/03
The switching frequency is primarily a function of:
1.
Spread between the two hysteretic thresholds
2.
ILOAD
3.
Output Inductor and Capacitor ESR
A transition back to PWM (Continuous Conduction Mode
or CCM) mode occurs when the inductor current has risen
sufficient as to be positive for 8 consecutive cycles. This
occurs when:
where
∆VHYSTERESIS = 15mV and ESR is the equivalent
series resistance of COUT.
Because of the different control mechanisms, the value of the
load current where transition into CCM operation takes place
is typically higher compared to the load level at which transi-
tion into hysteretic mode had occurred. Hysteretic mode can
be disabled by setting the FPWM pin low. The presence of
this pin enhances applicability of the controller. Figure 6
shows an application circuit where hysteretic mode is only
allowed in a Deep Sleep Extension (DSX) mode. In this
mode the CPU has stopped and its current is significantly
lower compared to other modes of operation. Using the
FPWM pin simplifies control over converter modes of opera-
tion and increases efficiency.
Current Processing Section
The following discussion refers to Figure 7.
Active Droop
“Active Droop” or voltage positioning is now widely used in
the computer power applications. The technique is based on
raising the converter voltage at light load in anticipation of a
step increase in load current, and conversely, lowering
VCORE in anticipation of a step decrease in load current.
With Active Droop, the output voltage varies with the load as
if a resistor were connected in series with the converter’s out-
put, in other words, it's effect is to raise the output resistance
of the converter. To get the most from the Active Droop, its
magnitude should be scaled to match the output capacitor’s
ESR voltage drop.
Active Droop allows the size and cost of the output capaci-
tors required to handle CPU current transients to be reduced.
The reduction may be almost a factor of 2 when compared to
a system without Active Droop.
Figure 6. Allowing Hysteretic Mode in Deep Sleep
I
LOAD CCM
()
∆V
HYSTERESIS
2 ESR
-----------------------------------------
=
(7)
V
DROOP
I
MAX
ESR
×
=
(8)
START
DSX
ALTV
6
R8
R7
5
FPWM
Figure 7. Current Limit and Active Droop Circuits
LDRV
22
PGND
Q2
ISNS
21
in +
in –
2.5V
ILIM
det.
R
SENSE
I1A =
200K
16
SS
1.5M
14
C
SS
VCORE+
R
DROOP
V to I
EA Out
DAC and
Soft Start
17pf
100K
300K
ISNS
48
I1B =
ISNS
8
I2 =
4 * ILIM
3
15
ILIM
1.2V
R
ILIM
ILIM mirror
S/H


Numéro de pièce similaire - FAN5250

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Description similaire - FAN5250

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com