Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2510S26X Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN2510S26X
Description  100 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2510S26X Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2510S26X Datasheet HTML 2Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 3Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 4Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 5Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 6Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 7Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 8Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 9Page - Fairchild Semiconductor FAN2510S26X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
FAN2510/FAN2511
8
REV. 1.0.6 2/14/03
Typical Performance Characteristics (continued)
Functional Characteristics
Output Current (mA)
Dropout Voltage
40.00
20.00
0.00
60.00
80.00
100.00
0.1
20
40
60
80
100
Input Voltage (V)
Dropout Characteristics
1.0
0.5
0.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
V
OUT = 3V
R
OUT = 20Ω
R
OUT = 30KΩ
Temperature (
°C)
-40
0
40
80
125
2
0
4
6
8
I
L = 100µA
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
25
0
50
75
100
125
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
Output Voltage
vs. Temperature
2.9
2.85
2.95
3
3.05
V
IN = 4V
Typical 3V device
I
L = 100µA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100mA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100µA
I
L = 100mA
Time (20
µs/div)
Shutdown Delay
Disable
V
OUT
Time (20
µs/div)
Enable Pin Delay
Enable
V
OUT


Numéro de pièce similaire - FAN2510S26X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510SX ONSEMI-FAN2510SX Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
More results

Description similaire - FAN2510S26X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com