Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1581M25X Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN1581M25X
Description  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581M25X Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1581M25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 9Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 10Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 11Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 12Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PRODUCT SPECIFICATION
FAN1581
REV. 1.2.0 11/6/03
10
Mechanical Dimensions
5-Lead TO-263 Package
10.20
9.80
1.40
1.00
9.40
9.00
9.50 MIN
9.00 MIN
4.00 MIN
1.20 MIN
LAND PATTERN RECOMMENDATION
10.00
1.70
6.80
5.10
4.70
(1.28)
(8.00)
(4.40)
1.70
6.80
(1.75)
(0.90)
R0.45
–B–
(6.80)
0.25
B A
MM
1.37
1.17
0.90
0.70
15.60
15.00
2.84
2.24
SCALE: 10X
0.10 B
SEATING
PLANE
0.75
0.45
0.25
GAGE PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A)
ALL DIMENSIONS ARE IN MILLIMETERS.
B)
STANDARD LEAD FINISH: 200 MICROINCHES/
5.08 MICROMETERS MIN. LEAD/TIN 15/85
ON COPPER.
C)
NO PACKAGE STANDARD REFERENCE AS
OF JUNE 2002.
D)
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M – 1982.
DETAIL A, ROTATED 90°
R0.56
1.40
1.14
4.70
4.30
SEE
DETAIL A
5
5
1
1
A


Numéro de pièce similaire - FAN1581M25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Description similaire - FAN1581M25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com