Moteur de recherche de fiches techniques de composants électroniques |
|
DM74S133 Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
DM74S133 Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006462 www.fairchildsemi.com August 1986 Revised April 2000 DM74S133 13-Input NAND Gate General Description This device contains a single gate which performs the logic NAND function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = ABCDEFGHIJKLM H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74S133M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow DM74S133N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output A thru M Y All Inputs H L One or More H Input L |
Numéro de pièce similaire - DM74S133 |
|
Description similaire - DM74S133 |