Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74S03MX Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce DM74S03MX
Description  Quad 2-Input NAND Gate with Open-Collector Outputs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S03MX Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  DM74S03MX Datasheet HTML 1Page - Fairchild Semiconductor DM74S03MX Datasheet HTML 2Page - Fairchild Semiconductor DM74S03MX Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
ICEX
HIGH Level
VCC = Min, VO = 5.5V
250
µA
Output Current
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−2mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
6.0
13.2
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
20
36
mA
RL = 280Ω
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
27.5
3
11
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
273
11
ns
HIGH-to-LOW Level Output


Numéro de pièce similaire - DM74S03MX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74S00 FAIRCHILD-DM74S00 Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S00M FAIRCHILD-DM74S00M Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S00N FAIRCHILD-DM74S00N Datasheet
43Kb / 4P
   Quad 2-Input NAND Gate
DM74S02 FAIRCHILD-DM74S02 Datasheet
34Kb / 3P
   Quad 2-Input NOR Gate
DM74S02N FAIRCHILD-DM74S02N Datasheet
34Kb / 3P
   Quad 2-Input NOR Gate
More results

Description similaire - DM74S03MX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
   Quad 2-Input NAND Gate with Open Collector Outputs
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
Fairchild Semiconductor
DM74LS26 FAIRCHILD-DM74LS26 Datasheet
48Kb / 4P
   Quad 2-Input NAND Gate with High Voltage Open-Collector Outputs
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7438 FAIRCHILD-DM7438 Datasheet
72Kb / 5P
   Quad 2-Input NAND Buffers with Open-Collector Outputs
logo
National Semiconductor ...
54LS38 NSC-54LS38 Datasheet
62Kb / 2P
   QUAD 2-INPUT NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM5403 NSC-DM5403 Datasheet
93Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
   Quad 2-Input NAND Buffer with Open-Collector Outputs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com