Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4962GS-G1 Fiches technique(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

No de pièce AM4962GS-G1
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4962GS-G1 Fiches technique(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4962GS-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
6
Absolute Maximum Ratings (Note 2)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Output Current
IOUT
1.0
A
Output Voltage
VOUT
18
V
HB Output Current
IHB
10
mA
RD Output Voltage
VRD
18
V
FG Output Voltage
VFG
18
V
RD Output Current
IRD
10
mA
FG Output Current
IFG
10
mA
SSOP-16
0.8
W
Power Dissipation
PD
HTSSOP-14
1.1
W
Storage Temperature Range
TSTG
-55 to 150
°C
SSOP-16
156
Thermal Resistance
(Junction to Ambient)
θ
JA
HTSSOP-14
114
°C/W
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Note 2: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
12
16
V
Hall Input Voltage + (Note 3)
VIN+
0.2
3
V
Hall Input Voltage - (Note 3)
VIN-
0.2
3
V
PWM High Level Voltage
VPWM
VCC-1
V
Ambient Temperature
TA
-30
90
°C
Note 3: Hall input voltage range includes the amplitude of signal.


Numéro de pièce similaire - AM4962GS-G1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM4962GS-G1 BCDSEMI-AM4962GS-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962GS-G1 DIODES-AM4962GS-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Description similaire - AM4962GS-G1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com