Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS74AN Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
DM74LS74AN Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2000 Fairchild Semiconductor Corporation DS006373 www.fairchildsemi.com August 1986 Revised March 2000 DM74LS74A Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs General Description This device contains two independent positive-edge-trig- gered D flip-flops with complementary outputs. The infor- mation on the D input is accepted by the flip-flops on the positive going edge of the clock pulse. The triggering occurs at a voltage level and is not directly related to the transition time of the rising edge of the clock. The data on the D input may be changed while the clock is LOW or HIGH without affecting the outputs as long as the data setup and hold times are not violated. A low logic level on the preset or clear inputs will set or reset the outputs regardless of the logic levels of the other inputs. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table H = HIGH Logic Level X = Either LOW or HIGH Logic Level L = LOW Logic Level ↑ = Positive-going Transition Q0 = The output logic level of Q before the indicated input conditions were established. Note 1: This configuration is nonstable; that is, it will not persist when either the preset and/or clear inputs return to their inactive (HIGH) level. Order Number Package Number Package Description DM74LS74AM M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS85ASJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS74AN N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Outputs PR CLR CLK D Q Q LH X X H L HL X X L H L L X X H (Note 1) H (Note 1) HH ↑ HH L HH ↑ LL H HH L X Q0 Q0 |
Numéro de pièce similaire - DM74LS74AN |
|
Description similaire - DM74LS74AN |