Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS283 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce DM74LS283
Description  4-Bit Binary Adder with Fast Carry
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS283 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  DM74LS283 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006421
www.fairchildsemi.com
August 1986
Revised March 2000
DM74LS283
4-Bit Binary Adder with Fast Carry
General Description
These full adders perform the addition of two 4-bit binary
numbers. The sum (
∑) outputs are provided for each bit
and the resultant carry (C4) is obtained from the fourth bit.
These adders feature full internal look ahead across all four
bits. This provides the system designer with partial look-
ahead performance at the economy and reduced package
count of a ripple-carry implementation.
The adder logic, including the carry, is implemented in its
true form meaning that the end-around carry can be
accomplished without the need for logic or level inversion.
Features
s Full-carry look-ahead across the four bits
s Systems achieve partial look-ahead performance with
the economy of ripple carry
s Typical add times
Two 8-bit words
25 ns
Two 16-bit words 45 ns
s Typical power dissipation per 4-bit adder 95 mW
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74LS283M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS283N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Numéro de pièce similaire - DM74LS283

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS283 NSC-DM74LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
201Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
National Semiconductor ...
DM74LS283M NSC-DM74LS283M Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
DM74LS283N NSC-DM74LS283N Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
   4-Bit Binary Adders with Fast Carry
More results

Description similaire - DM74LS283

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
   4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
   4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
[Old version datasheet]   4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5 6