Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB23NM50N Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STB23NM50N
Description  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB23NM50N Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STB23NM50N Datasheet HTML 7Page - STMicroelectronics STB23NM50N Datasheet HTML 8Page - STMicroelectronics STB23NM50N Datasheet HTML 9Page - STMicroelectronics STB23NM50N Datasheet HTML 10Page - STMicroelectronics STB23NM50N Datasheet HTML 11Page - STMicroelectronics STB23NM50N Datasheet HTML 12Page - STMicroelectronics STB23NM50N Datasheet HTML 13Page - STMicroelectronics STB23NM50N Datasheet HTML 14Page - STMicroelectronics STB23NM50N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
Package mechanical data
Doc ID 16913 Rev 4
11/21
Figure 23.
TO-220FP drawing
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1


Numéro de pièce similaire - STB23NM50N

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STB23NM50N ISC-STB23NM50N Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - STB23NM50N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com