Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS251 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce DM74LS251
Description  3-STATE 1-of-8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS251 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  DM74LS251 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS251 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS251 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS251 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS251 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS251 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 6: CL = 5 pF
From (Input)
RL = 667Ω
Symbol
Parameter
to (Output)
CL = 45 pF
CL = 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
A, B, C
45
53
ns
LOW-to-HIGH Level Output
(4 Levels) to Y
tPHL
Propagation Delay Time
A, B, C
45
53
ns
HIGH-to-LOW Level Output
(4 Levels) to Y
tPLH
Propagation Delay Time
A, B, C
33
38
ns
LOW-to-HIGH Level Output
(3 Levels) to W
tPHL
Propagation Delay Time
A, B, C
33
42
ns
HIGH-to-LOW Level Output
(3 Levels) to W
tPLH
Propagation Delay Time
D to Y
28
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
D to Y
28
38
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
D to W
15
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
D to W
15
25
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to
Strobe to Y
45
60
ns
HIGH Level Output
tPZL
Output Enable Time to
Strobe to Y
40
51
ns
LOW Level Output
tPHZ
Output Disable Time from
Strobe to Y
45
ns
HIGH Level Output (Note 6)
tPLZ
Output Disable Time from
Strobe to Y
25
ns
LOW Level Output (Note 6)
tPZH
Output Enable Time to
Strobe to W
27
40
ns
HIGH Level Output
tPZL
Output Enable Time to
Strobe to W
40
47
ns
LOW Level Output
tPHZ
Output Disable Time from
Strobe to W
55
ns
HIGH Level Output (Note 6)
tPLZ
Output Disable Time from
Strobe to W
25
ns
LOW Level Output (Note 6)


Numéro de pièce similaire - DM74LS251

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS251 NSC-DM74LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM74LS251M NSC-DM74LS251M Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM74LS251N NSC-DM74LS251N Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
More results

Description similaire - DM74LS251

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com