Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS123SJ Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce DM74LS123SJ
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS123SJ Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  DM74LS123SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 7Page - Fairchild Semiconductor DM74LS123SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Operating Rules (Continued)
8. Output pulse width variation versus VCC and tempera-
tures: Figure 6 depicts the relationship between pulse
width variation versus VCC, and Figure 7 depicts pulse
width variation versus temperatures.
FIGURE 6.
FIGURE 7.
9. Under any operating condition CX and RX must be kept
as close to the one-shot device pins as possible to min-
imize stray capacitance, to reduce noise pick-up, and
to reduce I-R and Ldi/dt voltage developed along their
connecting paths. If the lead length from CX to pins (6)
and (7) or pins (14) and (15) is greater than 3 cm, for
example, the output pulse width might be quite different
from values predicted from the appropriate equations.
A non-inductive and low capacitive path is necessary to
ensure complete discharge of CX in each cycle of its
operation so that the output pulse width will be accu-
rate.
10. The CEXT pins of this device are internally connected to
the internal ground. For optimum system performance
they should be hard wired to the system’s return
ground plane.
11. VCC and ground wiring should conform to good high-
frequency standards and practices so that switching
transients on the VCC and ground return leads do not
cause interaction between one-shots. A 0.01
µF to 0.10
µF bypass capacitor (disk ceramic or monolithic type)
from VCC to ground is necessary on each device. Fur-
thermore, the bypass capacitor should be located as
close to the VCC-pin as space permits.
Note: For further detailed device characteristics and output per-
formance please refer to the Fairchild Semiconductor one-shot
application note AN-372.


Numéro de pièce similaire - DM74LS123SJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123M NSC-DM74LS123M Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123N NSC-DM74LS123N Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
More results

Description similaire - DM74LS123SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com