Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15T-Z Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM15T-Z
Description  15Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15T-Z Datasheet(HTML) 1 Page - AIMTEC

  AM15T-Z_13 Datasheet HTML 1Page - AIMTEC AM15T-Z_13 Datenblatt HTML 2Page - AIMTEC AM15T-Z_13 Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM15T-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 3
North America only
FEATURES:
 Wide Input Range 2:1
 No Minimum Load Required
 1600 Vdc Isolation
 -40ºC to +85ºC Operating Temperature Range
 Efficiency up to 91%
 Short Circuit & Over Voltage Protection
 Soft Start
 DIP 24 Package
 Remote On/Off Function
 Low No Load Input Current
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15T-1203SZ
9-18
3.3
4000
1600
4700
86
AM15T-12051SZ
9-18
5.1
3000
1600
3300
89
AM15T-1212SZ
9-18
12
1250
1600
600
89
AM15T-1215SZ
9-18
15
1000
1600
400
90
AM15T-2403SZ
18-36
3.3
4000
1600
4700
87
AM15T-24051SZ
18-36
5.1
3000
1600
3300
89
AM15T-2412SZ
18-36
12
1250
1600
600
90
AM15T-2415SZ
18-36
15
1000
1600
400
91
AM15T-4803SZ
36-75
3.3
4000
1600
4700
86
AM15T-48051SZ
36-75
5.1
3000
1600
3300
88
AM15T-4812SZ
36-75
12
1250
1600
600
89
AM15T-4815SZ
36-75
15
1000
1600
400
89
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15T-1205DZ
9-18
±5
±1500
1600
±1500
86
AM15T-1212DZ
9-18
±12
±625
1600
±288
90
AM15T-1215DZ
9-18
±15
±500
1600
±200
90
AM15T-2405DZ
18-36
±5
±1500
1600
±1500
86
AM15T-2412DZ
18-36
±12
±625
1600
±288
90
AM15T-2415DZ
18-36
±15
±500
1600
±200
90
AM15T-4805DZ
36-75
±5
±1500
1600
±1500
86
AM15T-4812DZ
36-75
±12
±625
1600
±288
89
AM15T-4815DZ
36-75
±15
±500
1600
±200
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-48
Filter
π (Pi) Network
Turn on Transient process time
250
µs
Transient response deviation
±3
%
Start up time
Nominal Vin and constant resistive load
20
ms
Absolute Maximum Rating
12 Vin models
-0.7-36
VDC
24 Vin models
-0.7-50
48 Vin models
-0.7-100


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn