Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP-181 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP-181
Description  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP-181 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP-181 Datasheet HTML 1Page - Toshiba Semiconductor TLP-181 Datasheet HTML 2Page - Toshiba Semiconductor TLP-181 Datasheet HTML 3Page - Toshiba Semiconductor TLP-181 Datasheet HTML 4Page - Toshiba Semiconductor TLP-181 Datasheet HTML 5Page - Toshiba Semiconductor TLP-181 Datasheet HTML 6Page - Toshiba Semiconductor TLP-181 Datasheet HTML 7Page - Toshiba Semiconductor TLP-181 Datasheet HTML 8Page - Toshiba Semiconductor TLP-181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP181
2009-11-12
5
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
ts
25
Turn
−off time
tOFF
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = 16 mA
40
μs
Fig. 1
Switching time test circuit
tOFF
tON
VCE
IF
tS
4.5V
0.5V
IF
VCC
RL
VCE


Numéro de pièce similaire - TLP-181

FabricantNo de pièceFiches techniqueDescription
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
   High energy
TLP-91311AST TADIRN-TLP-91311AST Datasheet
278Kb / 1P
   High energy
More results

Description similaire - TLP-181

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com