Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10TW-Z Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM10TW-Z
Description  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10TW-Z Fiches technique(HTML) 2 Page - AIMTEC

  AM10TW-Z_13 Datasheet HTML 1Page - AIMTEC AM10TW-Z_13 Datasheet HTML 2Page - AIMTEC AM10TW-Z_13 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM10TW-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1.2
%
Cross Regulation (Dual Output Models)
25% load on one output
100% load on second load
±5
%
Over voltage protection
Zener diode clamp
Over current protection
Full Load
170
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Line voltage regulation
HL-LL
±2
%
Load voltage regulation (Single)
0% Load to Full Load
±0.5
%
Load voltage regulation (Dual)
0% Load to Full Load
±1.0
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
85
mV p-p
Minimum Load Current
0
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
270
KHz
Operating temperature
Full Load with derating above 60ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Derating
Above 60ºC
2.5
%/
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated Copper
Potting material
UL94V-0 rated
Weight
18
g
Dimensions (L x W x H)
1.25 x 0.80 x 0.40 inches 31.75 x 20.32 x 10.16 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
%
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN55022 Class A
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: Also designed to meet standard IEC 60950-1: 2001
Pin Out Specifications
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-V Input
-V Input
3
-V Input
-V Input
9
No Pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn