Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5920N Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM5920N
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM5920N Fiches technique(HTML) 1 Page - Analog Power

  AM5920N Datasheet HTML 1Page - Analog Power AM5920N Datasheet HTML 2Page - Analog Power AM5920N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM5920N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM5920_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
58 @ VGS = 4.5V
5.0
82 @ VGS = 2.5V
4.2
PRODUCT SUMMARY
20
Dual N-Channel 20-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
CF1206-8 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
20
VGS
± 8
TA=25
oC5.0
TA=70
oC4.1
IDM
± 30
IS
1.7
A
TA=25
oC2.1
TA=70
oC1.3
TJ, Tstg -55to150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
PulsedDrainCurrent
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous DrainCurrent
a
ID
A
Power Dissipation
a
PD
OperatingJunctionandStorage Temperature Range
W
Symbol
Maximum
Units
t <= 10 sec
62.5
oC/W
Steady State
80
oC/W
THERMAL RESISTANCE RATINGS
Parameter
RθJA
Maximum Junction-to-Ambient
a
S1
G1
S2
G2
1
2
3
4
CF1206-8
Top View
D
1
D
1
D
2
D
2
8
7
6
5
D
1
S
1
G
1
N-Channel MOSFET
D
2
S
2
G
2
N-Channel MOSFET


Numéro de pièce similaire - AM5920N

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
AM5920N-T1-PF VBSEMI-AM5920N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Description similaire - AM5920N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com