Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10T-IZ Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM10T-IZ
Description  10 Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10T-IZ Datasheet(HTML) 1 Page - AIMTEC

  AM10T-IZ Datasheet HTML 1Page - AIMTEC AM10T-IZ Datenblatt HTML 2Page - AIMTEC AM10T-IZ Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10T-IZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 3
North America only
FEATURES:
 Short Circuit & OVP Protection
Operating temperature -40
oC to + 75oC
 24 Pin DIP Package
Regulated output
 Wide 2:1 input range
Low ripple and noise
 Power modules for PCB mounting
 No minimum load
Input/output Isolation voltage 1500VDC
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (% mV p-p)
Efficiency
(%)
AM10T-1203SIZ
9-18
3.3
2000
4200
80
79
AM10T-1205SIZ
9-18
5
2000
3200
80
75
AM10T-1212SIZ
9-18
12
830
600
120
81
AM10T-1215SIZ
9-18
15
660
390
150
81
AM10T-2403SIZ
18-36
3.3
2000
4200
80
71
AM10T-2405SIZ
18-36
5
2000
3200
80
78
AM10T-2412SIZ
18-36
12
830
600
120
82
AM10T-2415SIZ
18-36
15
660
390
150
83
AM10T-4803SIZ
36-75
3.3
2000
4200
80
73
AM10T-4805SIZ
36-75
5
2000
3200
80
82
AM10T-4812SIZ
36-75
12
830
600
120
82
AM10T-4815SIZ
36-75
15
660
390
150
83
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (%)
Efficiency
(%)
AM10T-1205DIZ
9-18
±5
±1000
±1800
80
75
AM10T-1212DIZ
9-18
±12
±410
±300
120
80
AM10T-1215DIZ
9-18
±15
±330
±200
150
80
AM10T-2405DIZ
18-36
±5
±1000
±1800
80
79
AM10T-2412DIZ
18-36
±12
±410
±300
120
82
AM10T-2415DIZ
18-36
±15
±330
±200
150
84
AM10T-4805DIZ
36-75
±5
±1000
±1800
80
77
AM10T-4812DIZ
36-75
±12
±410
±300
120
82
AM10T-4815DIZ
36-75
±15
±330
±200
150
83
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
9-18
18-36
36-75
VDC
Filter
Capacitor
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
25
50
100
VDC
Permissible absolute maximum duration
100
ms
Transient Voltage Deviation
5
VDC


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn