Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10EW-Z Datasheet(Fiches technique) 2 Page - AIMTEC

Numéro de pièce AM10EW-Z
Description  10 Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10EW-Z Datasheet(HTML) 2 Page - AIMTEC

  AM10EW-Z_13 Datenblatt HTML 1Page - AIMTEC AM10EW-Z_13 Datasheet HTML 2Page - AIMTEC AM10EW-Z_13 Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM10EW-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual output)
Balance Load
±1
%
Short Circuit protection
Continuous
Short Circuit restart
Auto Recovery
Current limiting
140
% of Iout max
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation
10-100% load
±0.5
%
Load voltage regulation
10% load
±1.0
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20Mhz bandwidth
75
mV p-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Weight
30
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches 50.80 x 25.00 x 10.16 mm
MTBF
>1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approvals
CE, meets IEC 60950 1:2001
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
Pin Out Specifications
Pin
Single
Dual
1
On/Off Control
On/Off Control
2
-V Input
-V Input
3
+V Input
+V Input
4
-V Output
-V Output
5
No Pin
Common
6
+V Output
+V Output


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn