Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10EW-Z Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM10EW-Z
Description  10 Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10EW-Z Datasheet(HTML) 1 Page - AIMTEC

  AM10EW-Z_13 Datasheet HTML 1Page - AIMTEC AM10EW-Z_13 Datenblatt HTML 2Page - AIMTEC AM10EW-Z_13 Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10EW-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive load
max (?F)
Efficiency
(%)
AM10EW-2403SZ
9-36
3.3
2
3300
79
AM10EW-2405SZ
9-36
5
2
3300
82
AM10EW-2412SZ
9-36
12
0.83
680
85
AM10EW-2415SZ
9-36
15
0.67
470
85
AM10EW-4803SZ
18-72
3.3
2
3300
79
AM10EW-4805SZ
18-72
5
2
3300
82
AM10EW-4812SZ
18-72
12
0.83
680
85
AM10EW-4815SZ
18-72
15
0.67
470
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive load
(?F)
Efficiency
(%)
AM10EW-2405DZ
9-36
5
1
2200
82
AM10EW-2412DZ
9-36
12
0.416
470
85
AM10EW-2415DZ
9-36
15
0.333
330
85
AM10EW-4805DZ
18-72
5
1
2200
82
AM10EW-4812DZ
18-72
12
0.416
470
85
AM10EW-4815DZ
18-72
15
0.333
330
85
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-72
Filter
? (Pi) Network
Remote ON/OFF Control
ON
2.5~5.5 or open circuit
VDC
OFF
-0.7~ 0.8 or short circuit b/n pin 2 & 1
Turn on Transient process time
?
350
ms
Start up time
20
ms
Absolute Maximum Rating
24 Vin
-0.7-40
VDC
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Case/ Input & Output
1000
VDC
Resistance
> 1000
MOhm
Capacitance
1200
pF
? RoHS compliant
? Low ripple and noise
? Efficiency up to 85%
? Remote on/off control
? Wide 4:1 input range
? Input/Output Isolation 1500VDC
? Continuous Short Circuit Protection
? Operating temperature -40
oC to + 85oC


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn