Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3LV-NZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM3LV-NZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3LV-NZ Fiches technique(HTML) 2 Page - AIMTEC

  AM3LV-NZ_13 Datasheet HTML 1Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 2Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 3Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3LV-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.B
2 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation (Single)
From Low in to High In
±0.5
%
Load voltage regulation (Single)
From 10% to 100% load
±1
%
Load voltage regulation (Dual)
From 10% to 100% load
Unbalanced load
±5
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise *
20MHz Bandwidth
100
mV p-p
Minimum Load Current**
10
% of Max
* Converters are designed to operate with a minimum load of 10%. If converter is operated with a load less than 10% the ripple will increase.
** Operation under 10% load will not damage the converter; However, not all specifications will be met.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Derating
Above 71º
2.9
%/
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Epoxy resin (UL94-V0 rated)
Weight
5.2
g
Dimensions (L x W x H)
0.94 x 0.54 x 0.34 inches
23.86 x 13.70 x 8.50 mm
MTBF
>1,000,000 hours (MIL-HDBK -217F, Ground Benign, t=+25ºC)
Maximum Soldering Temperature
1.5mm from case for 10 seconds
260
oC
.
Pin Out Specifications
Pin
Single
Dual
1
- Vin
- Vin
7
NC
NC
8
NC
Common
9
+Vout
+Vout
10
- Vout
-Vout
16
+ Vin
+ Vin
NC – not connected


Numéro de pièce similaire - AM3LV-NZ_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3LV-NZ AIMTEC-AM3LV-NZ_16 Datasheet
336Kb / 4P
   3 Watt | DC-DC Converter
More results

Description similaire - AM3LV-NZ_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com