Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3GW-Z Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM3GW-Z
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3GW-Z Fiches technique(HTML) 1 Page - AIMTEC

  AM3GW-Z_13 Datasheet HTML 1Page - AIMTEC AM3GW-Z_13 Datasheet HTML 2Page - AIMTEC AM3GW-Z_13 Datasheet HTML 3Page - AIMTEC AM3GW-Z_13 Datasheet HTML 4Page - AIMTEC AM3GW-Z_13 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM3GW-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
1 of 5
North America only
FEATURES:
 SIP9 Package
Ultra-Wide Input Range 4:1
 Low Ripple and Noise
1500VDC I/O Isolation
 Continuous Short Circuit Protection
Efficiency up to 84%
 -40ºC to +85ºC Operating Temperature Range
Remote ON/OFF Control
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM3GW-2403SZ
9-36
3.3
700
2200
77
AM3GW-2405SZ
9-36
5
600
1000
82
AM3GW-2412SZ
9-36
12
250
165
83
AM3GW-2415SZ
9-36
15
200
100
83
AM3GW-4803SZ
18-75
3.3
700
2200
78
AM3GW-4805SZ
18-75
5
600
1000
84
AM3GW-4812SZ
18-75
12
250
165
84
AM3GW-4815SZ
18-75
15
200
100
82
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM3GW-2405DZ
9-36
±5
±300
±470
81
AM3GW-2412DZ
9-36
±12
±125
±100
84
AM3GW-2415DZ
9-36
±15
±100
±47
83
AM3GW-4805DZ
18-75
±5
±300
±470
82
AM3GW-4812DZ
18-75
±12
±125
±100
82
AM3GW-4815DZ
18-75
±15
±100
±47
83
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
Capacitor
Start up time
10
ms
Absolute Maximum Rating
24
48
50
100
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON: 0 to 0.6VDC (or open) ; OFF:2.7 to 15.0VDC, OFF idle current: 5mA, max
Input reflected ripple current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
>1000
MOhm
Capacitance
500
pF


Numéro de pièce similaire - AM3GW-Z_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3GW-Z AIMTEC-AM3GW-Z_16 Datasheet
200Kb / 5P
   3 Watt | DC-DC Converter
More results

Description similaire - AM3GW-Z_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com