Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89V664FA512 Fiches technique(PDF) 63 Page - NXP Semiconductors

No de pièce P89V664FA512
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V664FA512 Fiches technique(HTML) 63 Page - NXP Semiconductors

Back Button P89V664FA512 Datasheet HTML 59Page - NXP Semiconductors P89V664FA512 Datasheet HTML 60Page - NXP Semiconductors P89V664FA512 Datasheet HTML 61Page - NXP Semiconductors P89V664FA512 Datasheet HTML 62Page - NXP Semiconductors P89V664FA512 Datasheet HTML 63Page - NXP Semiconductors P89V664FA512 Datasheet HTML 64Page - NXP Semiconductors P89V664FA512 Datasheet HTML 65Page - NXP Semiconductors P89V664FA512 Datasheet HTML 66Page - NXP Semiconductors P89V664FA512 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
P89V660_662_664
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3.1 — 17 October 2011
63 of 90
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
6.10.4 Pulse width modulator mode
All of the PCA modules can be used as PWM outputs (Figure 31). Output frequency
depends on the source for the PCA timer.
All of the modules will have the same frequency of output because they all share one and
only PCA timer. The duty cycle of each module is independently variable using the
module’s capture register CCAPnL. When the value of the PCA CL SFR is less than the
Fig 30. PCA high-speed output mode
002aab917
toggle
CEXn
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
CCON
(C0h)
PCA
interrupt
-
ECOMn
00
1
0
0
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n = 0 to 4
(C2h to C6h)
16-BIT COMPARATOR
PCA timer/counter
CH
CL
match
(to CCFn)
CCAPnH
CCAPnL
enable
write to
CCAPnH
write to
CCAPnL
reset
01
Fig 31. PCA PWM mode
002aab918
-
ECOMn
0
10
0
0
1
1
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n = 0 to 4
(C2h to C6h)
CCAPnL
8-BIT COMPARATOR
PCA timer/counter
CCAPnH
CL
enable
CEXn
CL
< CCAPnL
CL
≥ CCAPnL
0
1


Numéro de pièce similaire - P89V664FA512

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P89V664FA NXP-P89V664FA Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
More results

Description similaire - P89V664FA512

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com