Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89V664FA512 Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce P89V664FA512
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V664FA512 Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button P89V664FA512 Datasheet HTML 43Page - NXP Semiconductors P89V664FA512 Datasheet HTML 44Page - NXP Semiconductors P89V664FA512 Datasheet HTML 45Page - NXP Semiconductors P89V664FA512 Datasheet HTML 46Page - NXP Semiconductors P89V664FA512 Datasheet HTML 47Page - NXP Semiconductors P89V664FA512 Datasheet HTML 48Page - NXP Semiconductors P89V664FA512 Datasheet HTML 49Page - NXP Semiconductors P89V664FA512 Datasheet HTML 50Page - NXP Semiconductors P89V664FA512 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
P89V660_662_664
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3.1 — 17 October 2011
47 of 90
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
In the Clock-Out mode Timer 2 rollovers will not generate an interrupt. This is similar to
when it is used as a baud rate generator.
6.6.4 Baud rate generator mode
Bits TCLK and/or RCLK in T2CON allow the UART) transmit and receive baud rates to be
derived from either Timer 1 or Timer 2 (See Section 6.7 for details). When TCLK = 0,
Timer 1 is used as the UART transmit baud rate generator. When TCLK = 1, Timer 2 is
used as the UART transmit baud rate generator. RCLK has the same effect for the UART
receive baud rate. With these two bits, the serial port can have different receive and
transmit baud rates – Timer 1 or Timer 2.
Figure 21 shows Timer 2 in baud rate generator mode:
The baud rate generation mode is like the auto-reload mode, when a rollover in TH2
causes the Timer 2 registers to be reloaded with the 16-bit value in registers RCAP2H and
RCAP2L, which are preset by software.
The baud rates in modes 1 and 3 are determined by Timer 2’s overflow rate given below:
Modes 1 and 3 Baud Rates = Timer 2 Overflow Rate / 16
The timer can be configured for either ‘timer’ or ‘counter’ operation. In many applications,
it is configured for ‘timer' operation (C/T2 = 0). Timer operation is different for Timer 2
when it is being used as a baud rate generator.
Usually, as a timer it would increment every machine cycle (i.e., 16 the oscillator
frequency). As a baud rate generator, it increments at the oscillator frequency. Thus the
baud rate formula is as follows:
Modes 1 and 3 Baud Rates =
(3)
Where k = 16 (6-clock mode) and k = 32 (12-clock mode);
Where (RCAP2H,RCAP2L) = the content of RCAP2H and RCAP2L taken as a 16-bit
unsigned integer.
Fig 21. Timer 2 in Baud Rate Generator mode
002aaa526
TX/RX baud rate
timer 2
interrupt
OSC
÷2
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
control
TR2
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin
reload
OscillatorFrequency
k
65536
RCAP2H RCAP2L


---------------------------------------------------------------------------------------


Numéro de pièce similaire - P89V664FA512

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P89V664FA NXP-P89V664FA Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V664FA NXP-P89V664FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
More results

Description similaire - P89V664FA512

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com