Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLW21SN670HQ2p Datasheet(Fiches technique) 2 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DLW21SN670HQ2p
Description  Common Mode Choke Coil Wire Wound Type
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

   
 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type
2012.9.6
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Continued from the preceding page.
DLW21SN_HQ2 Series
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLW21SN900HQ2
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Common Mode Impedance
(at 100MHz/20°C)
Rated Current Rated Voltage
Insulation Resistance (min.)
Withstand Voltage DC Resistance
Operating
Temperature Range
DLW21SN501SK2
p
500ohm ±25%
250mA
50Vdc
10M ohm
125Vdc
0.5ohm max.
-40 to +85°C
DLW21SN670SQ2
p
67ohm ±25%
400mA
50Vdc
10M ohm
125Vdc
0.25ohm max.
-40 to +85°C
DLW21SN900SQ2
p
90ohm ±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
-40 to +85°C
DLW21SN121SQ2
p
120ohm ±25%
370mA
50Vdc
10M ohm
125Vdc
0.30ohm max.
-40 to +85°C
DLW21SN181SQ2
p
180ohm ±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
-40 to +85°C
DLW21SN261SQ2
p
260ohm ±25%
300mA
50Vdc
10M ohm
125Vdc
0.40ohm max.
-40 to +85°C
DLW21SN371SQ2
p
370ohm ±25%
280mA
50Vdc
10M ohm
125Vdc
0.45ohm max.
-40 to +85°C
DLW21SN670HQ2
p
67ohm ±25%
320mA
20Vdc
10M ohm
50Vdc
0.31ohm max.
-40 to +85°C
DLW21SN900HQ2
p
90ohm ±25%
280mA
20Vdc
10M ohm
50Vdc
0.41ohm max.
-40 to +85°C
DLW21SN121HQ2
p
120ohm ±25%
280mA
20Vdc
10M ohm
50Vdc
0.41ohm max.
-40 to +85°C
DLW21SR670HQ2
p
67ohm ±25%
400mA
20Vdc
10M ohm
50Vdc
0.25ohm max.
-40 to +85°C
Number of Circuit: 1
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
c Differential Mode Transmission Characteristics (Typ.)




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl