Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14489BPE Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MC14489BPE
Description  MuIti-Character lED Display/lamp Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14489BPE Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MC14489BPE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14489BPE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MC14489B
MOTOROLA
5
Figure 1.
Figure 2.
10%
VDD
1/fclk
DATA OUT
CLOCK
90%
50%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
tw
tf
tr
BANK
OUTPUT
50%
1/fR
VSS
Figure 3.
Figure 4.
DATA IN
CLOCK
50%
VALID
50%
tsu
th
VDD
VDD
CLOCK
ENABLE
50%
tsu
th
FIRST
CLOCK
LAST
CLOCK
trec
50%
VDD
VDD
tw(H)
tw(L)
VSS
VSS
VSS
VSS
Figure 5.
Figure 6.
TEST POINT
DEVICE
UNDER
TEST
CL*
*Includes all probe and fixture capacitance.
TEST POINT
DEVICE
UNDER
TEST
CL*
*Includes all probe and fixture capacitance.
VDD
56


Numéro de pièce similaire - MC14489BPE

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14489BP MOTOROLA-MC14489BP Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Description similaire - MC14489BPE

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
   Multi-Character LED Display/Lamp Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com