Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE350STU Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce KSE350STU
Description  High Voltage General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KSE350STU Fiches technique(HTML) 1 Page - Diodes Incorporated

  KSE350STU Datasheet HTML 1Page - Diodes Incorporated KSE350STU Datasheet HTML 2Page - Diodes Incorporated KSE350STU Datasheet HTML 3Page - Diodes Incorporated KSE350STU Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A1, December 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 300
V
VCEO
Collector-Emitter Voltage
- 300
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current
- 500
mA
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = - 1mA, IB = 0
-300
V
ICBO
Collector Cut-off Current
VCB = - 300V, IE = 0
-100
µA
IEBO
Emitter Cut-off Current
VBE = - 3V, IC = 0
-100
µA
hFE
DC Current Gain
VCE = - 10V, IC = - 50mA
30
240
KSE350
High Voltage General Purpose Applications
• High Collector-Emitter Breakdown Voltage
• Suitable for Transformer
• Complement to KSE340
1
TO-126
1. Emitter
2.Collector
3.Base


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn