Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74ALS240AN Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce DM74ALS240AN
Description  Octal 3-STATE Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240AN Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS240AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics DM74ALS240A
over recommended operating free air temperature range
Switching Characteristics DM74ALS241A
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
29
ns
LOW-to-HIGH Level Output
CL = 50 pF,
AY
tPHL
Propagation Delay Time
R1
= 500Ω,
29
ns
HIGH-to-LOW Level Output
R2
= 500Ω,
tPZH
Output Enable Time
TA = Min to Max
313
ns
to HIGH Level Output
G
Y
tPZL
Output Enable Time
318
ns
to LOW Level Output
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
G
Y
tPLZ
Output Disable Time
312
ns
from LOW Level Output
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
311
ns
LOW-to-HIGH Level Output
CL = 50 pF,
AY
tPHL
Propagation Delay Time
R1
= 500Ω,
310
ns
HIGH-to-LOW Level Output
R2
= 500Ω,
tPZH
Output Enable Time
TA = Min to Max
321
ns
to HIGH Level Output
1G
Y
tPZL
Output Enable Time
321
ns
to HIGH Level Output
tPHZ
Output Disable Time
210
ns
to HIGH Level Output
1G
Y
tPLZ
Output Disable Time
315
ns
to LOW Level Output
tPZH
Output Enable Time
721
ns
to HIGH Level Output
2G
Y
tPZL
Output Enable Time
721
ns
to LOW Level Output
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
2G
Y
tPLZ
Output Disable Time
315
ns
from LOW Level Output


Numéro de pièce similaire - DM74ALS240AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
More results

Description similaire - DM74ALS240AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com