Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-EL31-SV000 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-EL31-SV000 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 13 page 6 Absolute Maximum Ratings at TA = 25°C DC Forward Current[1,2,3] ..................................................................................... 50 mA Peak Pulsed Forward Current[2,3] .......................................................................100 mA Average Forward Current ...................................................................................... 30 mA Reverse Voltage (IR = 100 µA)........................................................................................ 5 V LED Junction Temperature....................................................................................... 130°C Operating Temperature .........................................................................-40°C to +100°C Storage Temperature ..............................................................................-40°C to +100°C Notes: 1. Derate linearly as shown in Figure 4. 2. For long term performance with minimal light output degradation, drive currents between 10 mA and 30 mA are recommended. For more information on recommended drive condi- tions, please refer to Application Brief I-024 (5966-3087E). 3. Please contact your sales representative about operating currents below 10 mA. Package Dimensions A B 2.35 (0.093) MAX. 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT 8.71 ± 0.20 (0.343 ± 0.008 1.14 ± 0.20 (0.045 ± 0.008) 1.14 ± 0.20 (0.045 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD d 1.50 ± 0.15 (0.059 ± 0.006) 5.80 ± 0.20 (0.228 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) CATHODE FLAT PART NO. d HLMP-EX18-xxxxx 12.60 ± 0.18 (0.496 ± 0.007) HLMP-EX27-xxxxx 11.33 ± 0.25 (0.446 ± 0.010) HLMP-EX33-xxxxx 11.99 ± 0.25 (0.472 ± 0.010) |
Numéro de pièce similaire - HLMP-EL31-SV000 |
|
Description similaire - HLMP-EL31-SV000 |