Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2313P Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM2313P
Description  P - Channel Logic Level MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2313P Fiches technique(HTML) 2 Page - Analog Power

  AM2313P Datasheet HTML 1Page - Analog Power AM2313P Datasheet HTML 2Page - Analog Power AM2313P Datasheet HTML 3Page - Analog Power AM2313P Datasheet HTML 4Page - Analog Power AM2313P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM2313P
Analog Power
July, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2313_B
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ Max
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -10 µA
-60
VDS = -48 V, VGS = 0 V
-1
VDS = -48 V, VGS = 0 V, TJ = 55
oC
-150
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
nA
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
-1.0
-1.7
-3.5
V
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-0.6
A
VGS = -10 V, ID = -0.5 A
1
10
VGS = -10 V, ID = -0.5 A TJ = 55
oC1.5
12
VGS = -4.5 V, ID = -0.25 A
1.3
20
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -1.1 A
75
435
mS
Diode Forward Voltage
VSD
IS = 0.4 A, VGS = 0 V
-0.80
-1.5
V
Total Gate Charge
Qg
1.8
2.5
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.4
Turn-On Delay Time
td(on)
2.7
5.5
Rise Time
tr
6.8
13
Turn-Off Delay Time
td(off)
10
16
Fall-Time
tf
7.8
16
nC
VDS = -25 V, ID = -0.5 A,
RG = 6 Ω,
VGEN = -10 V
Switch On Characteristics
Unit
Switching
Drain-Source On-Resistance
A
rDS(on)
ns
Dynamic
b
VDS = -48 V, VGS = -10 V,
ID = -0.5 A
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Switch Off Characteristics
Test Conditions
Zero Gate Voltage Drain Current
IDSS
µA
Symbol
Parameter
Limits


Numéro de pièce similaire - AM2313P

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
AM2313P-T1-PF VBSEMI-AM2313P-T1-PF Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Description similaire - AM2313P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM2319P ANALOGPOWER-AM2319P Datasheet
292Kb / 6P
   P - Channel Logic Level MOSFET
AM2317P ANALOGPOWER-AM2317P Datasheet
243Kb / 6P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDD5202P FAIRCHILD-FDD5202P Datasheet
59Kb / 5P
   P-Channel, Logic Level, MOSFET
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com