Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74ALS1240A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce DM74ALS1240A
Description  Octal 3-STATE Bus Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS1240A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS1240A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS1240A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS1240A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS1240A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
VCC = 4.5V to 5.5V, CL = 50 pF,
Units
From
To
R1
= 500Ω, R2 = 500Ω,
(Input)
(Output)
TA = Min to Max
Min
Max
tPLH
Propagation Delay Time
213
ns
LOW-to-HIGH Level Output
AY
tPHL
Propagation Delay Time
213
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
420
ns
to HIGH Level Output
G
Y
tPZL
Output Enable Time
622
ns
to LOW Level Output
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
G
Y
tPLZ
Output Disable Time
313
ns
from LOW Level Output


Numéro de pièce similaire - DM74ALS1240A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
DM74ALS125M FAIRCHILD-DM74ALS125M Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
DM74ALS125N FAIRCHILD-DM74ALS125N Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
More results

Description similaire - DM74ALS1240A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com