Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3016ID Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL3016ID
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3016ID Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TL3016ID Datasheet HTML 2Page - Texas Instruments TL3016ID Datasheet HTML 3Page - Texas Instruments TL3016ID Datasheet HTML 4Page - Texas Instruments TL3016ID Datasheet HTML 5Page - Texas Instruments TL3016ID Datasheet HTML 6Page - Texas Instruments TL3016ID Datasheet HTML 7Page - Texas Instruments TL3016ID Datasheet HTML 8Page - Texas Instruments TL3016ID Datasheet HTML 9Page - Texas Instruments TL3016ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
POSITIVE SUPPLY CURRENT
vs
INPUT VOLTAGE
20
18
16
14
12
10
8
6
4
2
0
1234
5678
TA = – 40°C
TA = 85°C
TA = 25°C
VI – Input Voltage – V
VCC = ± 5 V
TA = 25°C
Figure 3
18
16
12
10
8
22
14
20
f – Frequency – MHz
POSITIVE SUPPLY CURRENT
vs
FREQUENCY
0101
102
TA = – 40°C
TA = 85°C
TA = 25°C
VCC = ± 5 V
TA = 25°C
Figure 4
– 50
– 25
0
25
50
75
100
125
9
7
6
13
14
POSITIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
15
12
11
8
5
10
TA – Free-Air Temperature – °C
VCC = ± 5 V
Figure 5
– 1.5
– 2.5
– 3
– 50
– 25
0
25
50
– 1
NEGATIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
0
75
100
125
– 0.5
– 2
TA – Free-Air Temperature – °C
VCC = ± 5 V


Numéro de pièce similaire - TL3016ID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3016ID TI-TL3016ID Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Description similaire - TL3016ID

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com