Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM540A-E Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce SM540A-E
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM540A-E Fiches technique(HTML) 3 Page - Leshan Radio Company

  SM540A-E Datasheet HTML 1Page - Leshan Radio Company SM540A-E Datasheet HTML 2Page - Leshan Radio Company SM540A-E Datasheet HTML 3Page - Leshan Radio Company SM540A-E Datasheet HTML 4Page - Leshan Radio Company SM540A-E Datasheet HTML 5Page - Leshan Radio Company SM540A-E Datasheet HTML 6Page - Leshan Radio Company SM540A-E Datasheet HTML 7Page - Leshan Radio Company SM540A-E Datasheet HTML 8Page - Leshan Radio Company SM540A-E Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
SM540A-E: " S"--肖特基产品;"M"--表面贴装; "5"--正向电流5A; " 40"---VB为40V; "A"--SMA封装;
"E"--满足ESD大于15KV.
SM520A-E thru SM5100A-E


Numéro de pièce similaire - SM540A-E

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
201Kb / 2P
   Voltage 40V 4.0 Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM540A LRC-SM540A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM540A AITSEMI-SM540A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM540AF SECOS-SM540AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Description similaire - SM540A-E

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com