Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM150AE Datasheet(Fiches technique) 3 Page - Leshan Radio Company

Numéro de pièce SM150AE
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM150AE Datasheet(HTML) 3 Page - Leshan Radio Company

  SM150AE Datenblatt HTML 1Page - Leshan Radio Company SM150AE Datenblatt HTML 2Page - Leshan Radio Company SM150AE Datasheet HTML 3Page - Leshan Radio Company SM150AE Datenblatt HTML 4Page - Leshan Radio Company SM150AE Datenblatt HTML 5Page - Leshan Radio Company SM150AE Datenblatt HTML 6Page - Leshan Radio Company SM150AE Datenblatt HTML 7Page - Leshan Radio Company SM150AE Datenblatt HTML 8Page - Leshan Radio Company SM150AE Datenblatt HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
SM140A-E: " S"--肖特基产品;"M"--表面贴装; "1"--正向电流1A; " 40"---VB为40V; "A"--SMA封装;
"E"--满足ESD大于15KV.
SM120A-E thru SM1100A-E


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn