Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM150AE Datasheet(Fiches technique) 2 Page - Leshan Radio Company

Numéro de pièce SM150AE
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM150AE Datasheet(HTML) 2 Page - Leshan Radio Company

  SM150AE Datenblatt HTML 1Page - Leshan Radio Company SM150AE Datasheet HTML 2Page - Leshan Radio Company SM150AE Datenblatt HTML 3Page - Leshan Radio Company SM150AE Datenblatt HTML 4Page - Leshan Radio Company SM150AE Datenblatt HTML 5Page - Leshan Radio Company SM150AE Datenblatt HTML 6Page - Leshan Radio Company SM150AE Datenblatt HTML 7Page - Leshan Radio Company SM150AE Datenblatt HTML 8Page - Leshan Radio Company SM150AE Datenblatt HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
SM120A-E thru SM1100A-E
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125 150 175
1
10
100
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
0.1
1
10
100
1000
100
10
10
1.0
0.1
0.01
0.001
10
1.0
0.1
0.01
100
1.0
0.5
0
30
15
0
60 Hz
Resistive or
Inductive Load
TJ = TJ max
8.3ms Single Half
Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig =
50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125
Tj=75
Tj=25
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
t,Pulse duration,sec


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn