Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74ALS02 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce DM74ALS02
Description  Quad 2-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS02 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS02 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS02 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS02 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS02 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS02 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
86.5
°C/W
M Package
116.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 8 mA
0.35
0.5
V
Output Voltage
II
Input Current @ Max.
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V
VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
0.85
2.2
mA
Outputs LOW
2.16
4
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
312
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
3
10
ns
HIGH-to-LOW Level Output


Numéro de pièce similaire - DM74ALS02

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS00 FAIRCHILD-DM74ALS00 Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AM FAIRCHILD-DM74ALS00AM Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AN FAIRCHILD-DM74ALS00AN Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00ASJ FAIRCHILD-DM74ALS00ASJ Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
More results

Description similaire - DM74ALS02

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com