Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7710ANZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7710ANZ
Description  Signal Conditioning ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7710ANZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7710ANZ Datasheet HTML 2Page - Analog Devices AD7710ANZ Datasheet HTML 3Page - Analog Devices AD7710ANZ Datasheet HTML 4Page - Analog Devices AD7710ANZ Datasheet HTML 5Page - Analog Devices AD7710ANZ Datasheet HTML 6Page - Analog Devices AD7710ANZ Datasheet HTML 7Page - Analog Devices AD7710ANZ Datasheet HTML 8Page - Analog Devices AD7710ANZ Datasheet HTML 9Page - Analog Devices AD7710ANZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. G
–6–
AD7710
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
External Clocking Mode
fSCLK
fCLK IN/5
MHz max
Serial Clock Input Frequency
t20
0
ns min
DRDY to RFS Setup Time
t21
0
ns min
DRDY to RFS Hold Time
t22
2
× tCLK IN
ns min
A0 to
RFS Setup Time
t23
0
ns min
A0 to
RFS Hold Time
t24
7
4
× t
CLK IN
ns max
Data Access Time (
RFS Low to Data Valid)
t25
7
10
ns min
SCLK Falling Edge to Data Valid Delay
2
× t
CLK IN + 20
ns max
t26
2
× t
CLK IN
ns min
SCLK High Pulse Width
t27
2
× tCLK IN
ns min
SCLK Low Pulse Width
t28
tCLK IN + 10
ns max
SCLK Falling Edge to
DRDY High
t29
8
10
ns min
SCLK to Data Valid Hold Time
tCLK IN + 10
ns max
t30
10
ns min
RFS/TFS to SCLK Falling Edge Hold Time
t31
8
5
× t
CLK IN/2 + 50
ns max
RFS to Data Valid Hold Time
t32
0
ns min
A0 to
TFS Setup Time
t33
0
ns min
A0 to
TFS Hold Time
t34
4
× t
CLK IN
ns min
SCLK Falling Edge to
TFS Hold Time
t35
2
× tCLK IN – SCLK High
ns min
Data Valid to SCLK Setup Time
t36
30
ns min
Data Valid to SCLK Hold Time
NOTES
8These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove effects of charging or discharging the 100 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and, as such, are independent of external bus loading capacitances.
Specifications subject to change without notice.
PIN CONFIGURATION
DIP AND SOIC
SCLK
MCLK IN
DGND
DVDD
MODE
AIN1(+)
AGND
MCLK OUT
A0
SDATA
AIN1(–)
IOUT
REF OUT
REF IN(+)
REF IN(–)
AVDD
VBIAS
14
1
2
24
23
5
6
7
20
19
18
3
4
22
21
8
17
9
16
10
15
11
TOP VIEW
(Not to Scale)
11
12
13
AD7710
SYNC
VSS
DRDY
RFS
TFS
AIN2(+)
AIN2(–)
TO OUTPUT
PIN
+2.1V
1.6mA
200 A
100pF
Figure 1. Load Circuit for Access Time and
Bus Relinquish Time


Numéro de pièce similaire - AD7710ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7710AN AD-AD7710AN Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710AN AD-AD7710AN Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results

Description similaire - AD7710ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com