Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4066BC Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce CD4066BC
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4066BC Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  CD4066BC Datasheet HTML 1Page - Fairchild Semiconductor CD4066BC Datasheet HTML 2Page - Fairchild Semiconductor CD4066BC Datasheet HTML 3Page - Fairchild Semiconductor CD4066BC Datasheet HTML 4Page - Fairchild Semiconductor CD4066BC Datasheet HTML 5Page - Fairchild Semiconductor CD4066BC Datasheet HTML 6Page - Fairchild Semiconductor CD4066BC Datasheet HTML 7Page - Fairchild Semiconductor CD4066BC Datasheet HTML 8Page - Fairchild Semiconductor CD4066BC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 3)
TA = 25°C, tr = tf = 20 ns and VSS = 0V unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: These devices should not be connected to circuits with the power “ON”.
Note 5: In all cases, there is approximately 5 pF of probe and jig capacitance in the output; however, this capacitance is included in CL wherever it is
specified.
Note 6: VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VC is the voltage at the control input.
Note 7: Conditions for VIHC: a) VIS = VDD, IOS = standard B series IOH
b) VIS = 0V, IOL = standard B series IOL.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time Signal
VC = VDD, CL = 50 pF, (Figure 1)
Input to Signal Output
RL = 200k
VDD = 5V
25
55
ns
VDD = 10V
15
35
ns
VDD = 15V
10
25
ns
tPZH, tPZL
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output High Impedance to
VDD = 10V
60
ns
Logical Level
VDD = 15V
50
ns
tPHZ, tPLZ
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output Logical Level to
VDD = 10V
60
ns
High Impedance
VDD = 15V
50
ns
Sine Wave Distortion
VC = VDD = 5V, VSS = −5V
0.1
%
RL = 10 kΩ, VIS = 5Vp-p, f= 1 kHz, (Figure 4)
Frequency Response-Switch
VC = VDD = 5V, VSS = −5V,
40
MHz
“ON” (Frequency at
−3 dB)
RL = 1 kΩ, VIS = 5Vp-p,
20 Log10 VOS/VOS (1 kHz)−dB,
(Figure 4)
Feedthrough — Switch “OFF”
VDD = 5.0V, VCC = VSS = −5.0V,
1.25
(Frequency at
−50 dB)
RL = 1 kΩ, VIS = 5.0Vp-p, 20 Log10,
VOS/VIS = −50 dB, (Figure 4)
Crosstalk Between Any Two
VDD = VC(A) = 5.0V; VSS = VC(B) = 5.0V,
0.9
MHz
Switches (Frequency at
−50 dB)
RL1 kΩ, VIS(A) = 5.0 Vp-p, 20 Log10,
VOS(B)/VIS(A) = −50 dB (Figure 5)
Crosstalk; Control Input to
VDD = 10V, RL = 10 kΩ, RIN = 1.0 kΩ,
150
mVp-p
Signal Output
VCC = 10V Square Wave, CL = 50 pF
(Figure 6)
Maximum Control Input
RL = 1.0 kΩ, CL = 50 pF, (Figure 7)
VOS(f) = ½ VOS(1.0 kHz)
VDD = 5.0V
6.0
MHz
VDD = 10V
8.0
MHz
VDD = 15V
8.5
MHz
CIS
Signal Input Capacitance
8.0
pF
COS
Signal Output Capacitance
VDD = 10V
8.0
pF
CIOS
Feedthrough Capacitance
VC = 0V
0.5
pF
CIN
Control Input Capacitance
5.0
7.5
pF


Numéro de pièce similaire - CD4066BC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4066BC NSC-CD4066BC Datasheet
169Kb / 8P
   Quad Bilateral Switch
CD4066BCJ NSC-CD4066BCJ Datasheet
169Kb / 8P
   Quad Bilateral Switch
CD4066BCM NSC-CD4066BCM Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
Fairchild Semiconductor
CD4066BCM FAIRCHILD-CD4066BCM Datasheet
114Kb / 9P
   Quad Bilateral Switch
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
   Quad Bilateral Switch
More results

Description similaire - CD4066BC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com