Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4023BCS Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce CD4023BCS
Description  Buffered Triple 3-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4023BCS Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  CD4023BCS Datasheet HTML 1Page - Fairchild Semiconductor CD4023BCS Datasheet HTML 2Page - Fairchild Semiconductor CD4023BCS Datasheet HTML 3Page - Fairchild Semiconductor CD4023BCS Datasheet HTML 4Page - Fairchild Semiconductor CD4023BCS Datasheet HTML 5Page - Fairchild Semiconductor CD4023BCS Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: VSS = 0V unless otherwise specified.
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD+0.5 VDC
Storage Temp. Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)5 VDC to 15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Typ
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
1.0
0.004
1.0
7.5
µA
VDD = 10V
2.0
0.005
2.0
15
VDD = 15V
4.0
0.006
4.0
30
VOL
LOW Level Output Voltage VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
VDD=5V, VO=4.5V
1.5
2
1.5
1.5
V
VDD=10V, VO=9.0V
|IO|<1µA
3.0
4
3.0
3.0
VDD=15V, VO=13.5V
4.0
6
4.0
4.0
VIH
HIGH Level Input Voltage
VDD=5V, VO=0.5V
3.5
3.5
3
3.5
V
VDD=10V, VO=1.0V
|IO|<1µA
7.0
7.0
6
7.0
VDD=15V, VO=1.5V
11.0
11.0
9
11.0
IOL
LOW Level Output Current VDD=5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
(Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.2
0.90
VDD = 15V, VO = 1.5V
3.6
3.0
8
2.4
IOH
HIGH Level Output Current VDD = 5V, VO = 4.6V
−0.52
−0.44
−0.88
−0.36
mA
(Note 4)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.2
−0.90
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0


Numéro de pièce similaire - CD4023BCS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4023BC NSC-CD4023BC Datasheet
127Kb / 6P
   Buffered Triple 3-Input NAND,NOR Gate
CD4023BCJ NSC-CD4023BCJ Datasheet
127Kb / 6P
   Buffered Triple 3-Input NAND,NOR Gate
CD4023BCN NSC-CD4023BCN Datasheet
127Kb / 6P
   Buffered Triple 3-Input NAND,NOR Gate
More results

Description similaire - CD4023BCS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4023BM NSC-CD4023BM Datasheet
127Kb / 6P
   Buffered Triple 3-Input NAND,NOR Gate
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6