Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4017BCN Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce CD4017BCN
Description  Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4017BCN Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  CD4017BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4017BCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005950.prf
www.fairchildsemi.com
CD4017BC • CD4022BC
Decade Counter/Divider with 10 Decoded Outputs •
Divide-by-8 Counter/Divider with 8 Decoded Outputs
General Description
The CD4017BC is a 5-stage divide-by-10 Johnson counter
with 10 decoded outputs and a carry out bit.
The CD4022BC is a 4-stage divide-by-8 Johnson counter
with 8 decoded outputs and a carry-out bit.
These counters are cleared to their zero count by a logical
“1” on their reset line. These counters are advanced on the
positive edge of the clock signal when the clock enable sig-
nal is in the logical “0” state.
The configuration of the CD4017BC and CD4022BC per-
mits medium speed operation and assures a hazard free
counting sequence. The 10/8 decoded outputs are nor-
mally in the logical “0” state and go to the logical “1” state
only at their respective time slot. Each decoded output
remains high for 1 full clock cycle. The carry-out signal
completes a full cycle for every 10/8 clock input cycles and
is used as a ripple carry signal to any succeeding stages.
Features
s Wide supply voltage range: 3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power Fan out of 2 driving 74L
TTL compatibility:
or 1 driving 74LS
s Medium speed operation: 5.0 MHz (typ.)
with 10V VDD
s Low power: 10
µW (typ.)
s Fully static operation
Applications
• Automotive
• Instrumentation
• Medical electronics
• Alarm systems
• Industrial electronics
• Remote metering
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC and SOP
CD4017B
Top View
Pin Assignments for DIP and SOIC
CD4022B
Top View
Order Number
Package Number
Package Description
CD4017BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
CD4017BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4017BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
CD4022BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
CD4022BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Numéro de pièce similaire - CD4017BCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4017BCN NSC-CD4017BCN Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BCN FAIRCHILD-CD4017BCN Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
List of Unclassifed Man...
CD4017BCN ETC2-CD4017BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
CD4017BCN FAIRCHILD-CD4017BCN Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results

Description similaire - CD4017BCN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com