Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4010C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce CD4010C
Description  Hex Buffers (Non-Inverting)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4010C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  CD4010C Datasheet HTML 1Page - Fairchild Semiconductor CD4010C Datasheet HTML 2Page - Fairchild Semiconductor CD4010C Datasheet HTML 3Page - Fairchild Semiconductor CD4010C Datasheet HTML 4Page - Fairchild Semiconductor CD4010C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA= 25°c, CL= 15 pF, unless otherwise noted. Typical Temperature coefficient for all values of VDD= 0.3%/°C
Note 4: AC Parameters are guaranteed by DC correlated testing.
Typical Application
Test Conditions
Limits
Symbol
Characteristics
VDD
Min
Typ
Max
Units
(Volts)
tPHL
Propagation Delay Time:
VCC = VDD
5
15
70
tPLH
HIGH-to-LOW Level (tPHL)10
10
40
ns
VDD = 10V
10
35
VCC = 5V
LOW-to-HIGH Level (tPLH)VCC = VDD
5
50
100
10
25
70
VDD = 10V
15
40
ns
VCC = 5V
tTHL
Transition Time:
VCC = VDD
5
20
60
ns
tTLH
HIGH-to-LOW Level (tTHL)10
16
50
LOW-to-HIGH Level (tTLH)VCC = VDD
5
80
160
ns
10
50
120
Input Capacitance (CI)
Any Input
5
pF


Numéro de pièce similaire - CD4010C

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4010C NSC-CD4010C Datasheet
87Kb / 3P
   Hex Buffers
CD4010C NSC-CD4010C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
More results

Description similaire - CD4010C

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B_15 Datasheet
140Kb / 12P
   Hex non-inverting buffers
Rev. 8-18 November 2011
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com