Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU407 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce BU407
Description  High Voltage Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BU407 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  BU407 Datasheet HTML 1Page - Fairchild Semiconductor BU407 Datasheet HTML 2Page - Fairchild Semiconductor BU407 Datasheet HTML 3Page - Fairchild Semiconductor BU407 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
123
456
789
10
0
1
2
3
4
5
IB =
180m
A
IB = 140m
A
IB = 60m
A
IB = 120m
A
IB = 40m
A
IB = 80m
A
IB = 160mA
IB = 20mA
IB = 100
mA
IB = 200
mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10000
10
100
1000
10000
VCE(sat)
VBE(sat)
IC = 10 IB
IC[mA], COLLECTOR CURRENT
110
100
1
10
100
1000
f = 1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
1
10
100
0.1
1
10
IC Max. (Continuous)
IC Max. (Pulsed)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE


Numéro de pièce similaire - BU407

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BU407 MOSPEC-BU407 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Rectron Semiconductor
BU407 RECTRON-BU407 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Power Innovations Ltd
BU407 POINN-BU407 Datasheet
157Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
BU407 ONSEMI-BU407 Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
More results

Description similaire - BU407

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
70Kb / 5P
   High Voltage Switching
BU406 FAIRCHILD-BU406 Datasheet
47Kb / 5P
   High Voltage Switching
KSA1156YS FAIRCHILD-KSA1156YS Datasheet
70Kb / 5P
   High Voltage Switching
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
   High-Voltage Amp, High-Voltage Switching
logo
Toshiba Semiconductor
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
logo
Sanyo Semicon Device
2SC4257 SANYO-2SC4257 Datasheet
77Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4634 SANYO-2SC4634 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4636 SANYO-2SC4636 Datasheet
86Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC3676 SANYO-2SC3676 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SA1968LS SANYO-2SA1968LS Datasheet
30Kb / 3P
   High-Voltage Amplifier, High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com