Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC(T)14-Q100 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74HC(T)14-Q100
Description  NXP Logic ??Q100 logic portfolio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC(T)14-Q100 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74HC(T)14-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC(T)14-Q100 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2012 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner. The information presented in this document does not form part of any quotation or contract,
is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by
the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
www.nxp.com
Date of release: November 2012
Document order number: 9397 750 17356
Printed in the Netherlands
Continuing to lead the way in automotive logic
NXP Logic – Q100 logic portfolio
Suffix
BQ
PW
D
PW
BQ
PW
GW
GM
SOT763-1
SOT403-1
SOT108-1
SOT402-1
SOT764-1
SOT360-1
SOT363
SOT886
16-pin
16-pin
14-pin
14-pin
20-pin
20-pin
6-pin
6-pin
Width (mm)
2.50
6.40
6.00
6.40
2.50
6.40
2.10
1.00
Length (mm)
3.50
5.00
8.65
5.00
4.50
6.50
2.00
1.45
Pitch (mm)
0.50
0.65
1.27
0.65
0.50
0.65
0.65
0.50
Innovative package options
Automotive
Q100 Logic samples available in e-sample store. Order them today!
Haven’t found your function? Please contact your local NXP representative.


Numéro de pièce similaire - 74HC(T)14-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC PHILIPS-74HC Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
74HC PHILIPS-74HC Datasheet
87Kb / 19P
   HCMOS family characteristics
March 1988
74HC NXP-74HC Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HC PHILIPS-74HC Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
More results

Description similaire - 74HC(T)14-Q100

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA_12 Datasheet
160Kb / 4P
   CMOS Logic
logo
International Rectifier
IRLR2905ZTRPBF IRF-IRLR2905ZTRPBF Datasheet
333Kb / 11P
   Logic Level
logo
Torex Semiconductor
XC74WL08AASR-12 TOREX-XC74WL08AASR-12 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL157ASR-12 TOREX-XC74WL157ASR-12 Datasheet
176Kb / 5P
   CMOS Logic
XC74WL34AASR-12 TOREX-XC74WL34AASR-12 Datasheet
153Kb / 4P
   CMOS Logic
XC74WL34AASR TOREX-XC74WL34AASR_15 Datasheet
153Kb / 4P
   CMOS Logic
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com