Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX54 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BDX54
Description  Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX54 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BDX54 Datasheet HTML 1Page - Fairchild Semiconductor BDX54 Datasheet HTML 2Page - Fairchild Semiconductor BDX54 Datasheet HTML 3Page - Fairchild Semiconductor BDX54 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage : BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 8
A
ICP
*Collector Current (Pulse)
- 12
A
IB
Base Current
- 0.2
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
IC = - 100mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICBO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 200
- 200
- 200
- 200
µA
µA
µA
µA
ICEO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCE = - 22V, IB = 0
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 500
- 500
- 500
- 500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2
mA
hFE
* DC Current Gain
VCE = - 3V, IC = - 3A
750
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2.5
V
VF
* Parallel Diode Forward Voltage
IF = - 3A
IF = - 8A
- 1.8
- 2.5
- 2.5
V
V
BDX54/A/B/C
Hammer Drivers, Audio Amplifiers Applications
Power Liner and Switching Applications
• Power Darlington TR
• Complement to BDX53, BDX53A, BDX53B and BDX53C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn