Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDW93C Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BDW93C
Description  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW93C Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BDW93C Datasheet HTML 1Page - Fairchild Semiconductor BDW93C Datasheet HTML 2Page - Fairchild Semiconductor BDW93C Datasheet HTML 3Page - Fairchild Semiconductor BDW93C Datasheet HTML 4Page - Fairchild Semiconductor BDW93C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Thermal Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDW93
: BDW93A
: BDW93B
: BDW93C
45
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BDW93
: BDW93A
: BDW93B
: BDW93C
45
60
80
100
V
V
V
V
IC
Collector Current (DC)
12
A
ICP
*Collector Current (Pulse)
15
A
IB
Base Current
0.2
A
PC
Collector Dissipation (TC=25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Value
Units
Rθjc
Thermal Resistance
Junction to Case
1.5
°C/W
BDW93/A/B/C
Hammer Drivers,
Audio Amplifiers Applications
• Power Darlington TR
• Complement to BDW94, BDW94A, BDW94B and BDW94C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Numéro de pièce similaire - BDW93C

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BDW93C MOSPEC-BDW93C Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Inchange Semiconductor ...
BDW93C ISC-BDW93C Datasheet
298Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
BDW93C POINN-BDW93C Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDW93C STMICROELECTRONICS-BDW93C Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BDW93C BOURNS-BDW93C Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Description similaire - BDW93C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com