Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW23 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce BDW23
Description  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW23 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  BDW23 Datasheet HTML 1Page - Fairchild Semiconductor BDW23 Datasheet HTML 2Page - Fairchild Semiconductor BDW23 Datasheet HTML 3Page - Fairchild Semiconductor BDW23 Datasheet HTML 4Page - Fairchild Semiconductor BDW23 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW =300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
s
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BDW23
: BDW23A
: BDW23B
: BDW23C
IC = 100mA, IB = 0
45
60
80
100
V
V
V
V
ICBO
Collector Cut-off Current
: BDW23
: BDW23A
: BDW23B
: BDW23C
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
200
200
200
200
µA
µA
µA
µA
ICEO
Collector Cut-off Current
: BDW23
: BDW23A
: BDW23B
: BDW23C
VCE = 22V, IB = 0
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
500
500
500
500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE
* DC Current Gain
VCE = 3V, IC = 1A
VCE = 3V, IC = 2A
VCE = 3V, IC = 6A
1000
750
100
20000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 2A, IB = 8mA
IC = 6A, IB = 60mA
2
3
V
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 2A, IB = 8mA
2.5
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 3V, IC = 1A
VCE = 3V, IC = 6A
2.5
3
V
V
VF
* Parallel Diode Forward Voltage
IF = 2A
1.8
V


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn