Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW23 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BDW23
Description  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW23 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BDW23 Datasheet HTML 1Page - Fairchild Semiconductor BDW23 Datasheet HTML 2Page - Fairchild Semiconductor BDW23 Datasheet HTML 3Page - Fairchild Semiconductor BDW23 Datasheet HTML 4Page - Fairchild Semiconductor BDW23 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDW23
: BDW23A
: BDW23B
: BDW23C
45
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BDW23
: BDW23A
: BDW23B
: BDW23C
45
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
6
A
ICP
*Collector Current (Pulse)
8
A
IB
Base Current
0.2
A
PC
Collector Dissipation (TC=25°C)
50
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
BDW23/A/B/C
Hammer Drivers, Audio Amplifiers
Applications
• Power Darlington TR
• Complement to BDW24, BDW24A, BDW24B and BDW24C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn