Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE1202EM8X Fiches technique(PDF) 27 Page - Fairchild Semiconductor

No de pièce ACE1202EM8X
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1202EM8X Fiches technique(HTML) 27 Page - Fairchild Semiconductor

Back Button ACE1202EM8X Datasheet HTML 23Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 24Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 25Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 26Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 27Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 28Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 29Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 30Page - Fairchild Semiconductor ACE1202EM8X Datasheet HTML 31Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
Figure 24: HBC signals for one byte message in PWM format
¡
OCFLAG
SYNC
Period
ShiftCLK
Bit 7
DAT0
G2/G5
Output
IR/RF
CLOCK
Condition:
BPSEL = 0x12 [ "1", " 0 " = 3 * IR/RF Clocks]
DAT0 = 0x52
No. bit to encode = 8 (HBCNTRL = XXXX0111b)
"0"
"1"
"1"
"0"
"1"
"0"
"0"
"0"
START/STOP
TXBUSY
"0"
Figure 25: Sending series of encoded messages
OCFLAG
ShiftCLK
Bit 7
DAT0
G2/G5
Output
IR/RF
CLOCK
Conditions:
BPSEL = 0x12 [ "1", " 0 " = 3 * IR/RF Clocks]
DAT0 = 0x52 , 0x92
No. bit to encode = 8 (HBCNTRL = XXXX0111b)
START/STOP
TXBUSY
"0"
"1"
"1"
"0"
"1"
"0"
"0"
"0"
"1"
"0"
"1"
"0"
"0"
"0"
"0"
"1"
Software must set the START bit while OCFLAG is set in
order to send another message without introducing a delay.
STOP bit clear,
transmission ends.
"0"
SYNC
Period


Numéro de pièce similaire - ACE1202EM8X

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Description similaire - ACE1202EM8X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com