Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC80716 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce BC80716
Description  Switching and Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC80716 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  BC80716 Datasheet HTML 1Page - Fairchild Semiconductor BC80716 Datasheet HTML 2Page - Fairchild Semiconductor BC80716 Datasheet HTML 3Page - Fairchild Semiconductor BC80716 Datasheet HTML 4Page - Fairchild Semiconductor BC80716 Datasheet HTML 5Page - Fairchild Semiconductor BC80716 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Static Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Input Output Capacitance
-0
-1
-2
-3
-4
-5
-0
-100
-200
-300
-400
-500
P
T
= 600m
W
IB =
- 3.
0m
A
IB =
- 2.
0m
A
IB =
- 3.
5m
A
IB = - 1.0mA
IB = -
1.5m
A
IB = - 0.5mA
IB =
- 4.
0m
A
IB =
- 2.
5m
A
IB =
- 4.
5m
A
IB =
- 5.
0m
A
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0
-10
-20
-30
-40
-50
-0
-4
-8
-12
-16
-20
P
T = 60
0m
W
I
B
= -
80µ
A
I
B
= -
70µ
A
I
B
= -
60µ
A
I
B
= -
50µ
A
I
B
= -
40µ
A
I
B
= - 3
0µA
I
B
= - 20µ
A
I
B
= - 10µA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
PULSE
- 1.0V
VCE = - 2.0V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
PULSE
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-0.1
-1
-10
-100
-1000
VCE = -1V
PULSE
VBE[V], BASE-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
Cib
f = 1.0MHz
Cob
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE


Numéro de pièce similaire - BC80716

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BC80716-5AZ ZETEX-BC80716-5AZ Datasheet
36Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
AiT Semiconductor Inc.
BC80716L AITSEMI-BC80716L Datasheet
408Kb / 5P
   GENERAL PURPOSE TRANSISTORS
REV1.0
logo
Motorola, Inc
BC80716LT1 MOTOROLA-BC80716LT1 Datasheet
90Kb / 4P
   General Purpose Transistors
More results

Description similaire - BC80716

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com