Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99S5003 Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce BAV99S5003
Description  For high-speed switching applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV99S5003 Fiches technique(HTML) 7 Page - Infineon Technologies AG

Back Button BAV99S5003 Datasheet HTML 3Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 4Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 5Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 6Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 7Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 8Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 9Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 10Page - Infineon Technologies AG BAV99S5003 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2007-09-19
7
BAV99...
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAV99U
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAV99W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAV99W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Numéro de pièce similaire - BAV99S5003

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
221Kb / 4P
   250mW High Speed Switching Array
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
logo
Jiangsu Changjiang Elec...
BAV99S JIANGSU-BAV99S Datasheet
3Mb / 4P
   HIGH-SPEED SWITCHING DIODE
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
   High-speed switching diode array
2001 May 14
More results

Description similaire - BAV99S5003

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com